Part Number Hot Search : 
11080 11080 120N5 NMU2006H B45198E FRA2A 1545CT 11080
Product Description
Full Text Search
 

To Download CF100103GTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r ating and a vailability type cf12 cf25s cf25 cf50s cf50 cf100s cf100 cf200s cf200 power rating @ 70 o c 0.125w 0.25w 0.25w 0.5w 0.25w 1w 1w 2w 2w max working voltage 150v 200v 250v 300v 280v 400v 450v 500v 500v max overload voltage 300v 400v 500v 500v 500v 800v 1000v 1000v 1000v dielectric withsanding voltage 300v 400v 500v 500v 500v 800v 1000v 1000v 1000v d imensions b ody l eadwire t ype (l) (d) (h) (d0.03) cf12 3.3 0.3 1.8 0.3 292 0.45 cf25s 3.3 0.3 1.8 0.3 292 0.45 cf25 6.3 0.5 2.3 0.3 282 0.55 cf50s 6.3 0.5 2.3 0.3 282 0.55 cf50 9.0 0.5 3.2 0.5 262 0.65 cf100s 9.0 0.5 3.2 0.5 262 0.65 cf100 11.5 1.0 4.5 0.5 352 0.78 cf200s 11.5 1.0 4.5 0.5 352 0.78 cf200 15.5 1.0 5.0 0.5 322 0.78 rev. 7 f eatures ? economically priced for commercial and industrial applications ? wide selection of power ratings and resistance values ? eia color coding ? resistance to industrial solvent ? standard tape & reel package p art n umbering s ystems cf 25 103 j tr meritek series power rating code 12 25 50 100 200 0.125w 0.25w 0.5w 1w 2w resistance first 2 digits are significant 3 rd digit is multiplier ?r? indicates decimal for values below 10 ohm tolerance code g j k 2% 5% 10% tape & reel r equirement p erformance operating temp range -55 to 155 o c (derated at 70 o c/see chart) ppm/ o c cf100s and <1w 1w under 100k ? 350ppm +350ppm~-500ppm 100k ? - 1m ? 0~-500ppm 0~-700ppm temperature cpefficient (ppm/ o c) 1m ? - 4m7 ? 0~-1000ppm 0~-1500ppm uv/v 0.125w 0.25w and over 0.1 1 ohm-10k ohm 0.3 1 ohm-10k ohm 11k ohm-91k ohm 0.5 11k ohm-91k ohm 100k ohm-1m ohm noise(uv/v) 1.0 100k ohm 1.1m ohm-10m ohm short time overload ? r (0.75% + 0.05 ohm) temperature cycling ? r (0.5% + 0.05 ohm) soldering effect ? r (1% + 0.05 ohm) vibration ? r (0.5% + 0.05 ohm) r > 100k ? r 5% moisture resistance r 100k ? r (3% + 0.05 ohm) load life (3%+0.05 ohm) carbon film resistors cf series


▲Up To Search▲   

 
Price & Availability of CF100103GTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X